PART |
Description |
Maker |
SAFGH32M9VCAZ00B03 SAFGN33M0VDAZ00B03 SAFGN38M0VZE |
1 FUNCTIONS, 32.9 MHz, SAW-VIDEO/SOUND FILTER 1 FUNCTIONS, 33 MHz, SAW-VIDEO/SOUND FILTER 1 FUNCTIONS, 38 MHz, SAW-VIDEO/SOUND FILTER 1 FUNCTIONS, 45.7 MHz, SAW-VIDEO/SOUND FILTER
|
MURATA MANUFACTURING CO LTD
|
B39389-K9462-M100 |
1 FUNCTIONS, 34.4 MHz, SAW-VIDEO/SOUND FILTER
|
EPCOS AG
|
B39389-G1962-M100 G1962M |
IF Filter for Intercarrier Applications 38,90 MHz 1 FUNCTIONS, 38.9 MHz, SAW-VIDEO/SOUND FILTER
|
EPCOS AG
|
X7255D B39360-X7255-N201 |
1 FUNCTIONS, 36 MHz, SAW-VIDEO/SOUND FILTER SAW Components Bandpass Filter
|
EPCOS AG EPCOS[EPCOS]
|
629LKN-1419 629LKN-1536 |
1 FUNCTIONS, SAW-VIDEO/SOUND FILTER
|
TOKO INC
|
ADV7190KSTZ ADV7191 |
6- x 10-bit 54 MHz DAC Video Encoder with Macrovision® Copy Protection 6- x 10-bit 54 MHz DAC Video Encoder with MacrovisionCopy Protection Video Encoder With Six 10-bit DACs And 54 MHz Oversampling
|
Analog Devices
|
AD8108 AD8109 AD8108-EB AD8108AST AD8109-EB AD8109 |
325 MHz, 8 x 8 Buffered Video Crosspoint Switches ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 325兆赫 × 8的缓冲视频交叉点开 325 MHz, 8 x 8 Buffered Video Crosspoint Switches 8-CHANNEL, CROSS POINT SWITCH, PQFP80 325 MHz/ 8 x 8 Buffered Video Crosspoint Switches
|
Magnecraft Analog Devices, Inc.
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
BLM21P221SGPT BLM21P221SGPB BLM41P600SPT BLM11P300 |
FERRITE, CHIP TYPE, 0.35 OHM RESISTANCE, 220 OHM IMPEDANCE @ 100MHZ, SMT 0805 1 FUNCTIONS, 2 A, FERRITE CHIP FLT, S/M, 0805, 2000MA, FERRITE BD 1 FUNCTIONS, 2 A, FERRITE CHIP COIL, BEAD FERRITE 060 OHMS @ 100MHZ SM, 1806 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 1 A, FERRITE CHIP 1 FUNCTIONS, 3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
TFS70H31 TFS70H47 TFS70H39 TFS70H410 TFS70H34 |
1 FUNCTIONS, 70 MHz, SAW FILTER
|
VECTRON INTERNATIONAL
|
SAFJA40M0WQAZ00R10 |
1 FUNCTIONS, 40 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
|